PART |
Description |
Maker |
MAX1682309 MAX16823AV |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
|
Maxim Integrated Products
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
IMP525 |
Sing Single Cell Batt le Cell Batterery Powered Electroluminescent Lamp Driv er/Inverter(单节电池供电的电致发光(EL)灯驱动反相
|
IMP
|
MAX16814ATP/V MAX16814AUP/V MAX16814AGP/VY |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX16833 MAX16833B MAX16833D |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
Maxim Integrated Products, Inc.
|
MAX16833AUE MAX16833 MAX16833B |
High-Voltage HB LED Drivers with Integrated High-Side Current Sense
|
Maxim Integrated Products
|
RT8477A |
High Voltage High Multiple-Topology Current LED Driver
|
Richtek Technology Corp...
|
MAX1680309 MAX16803ATE/V |
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
|
Maxim Integrated Products
|
MAX16836ASA MAX1683609 MAX16836ATE |
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
|
Maxim Integrated Products Maxim Integrated Produc...
|
CYT3000A |
linear constant current high voltage high power factor LED driver chips
|
EgoLL
|
AL9910-5 AL99101106 AL9910-5SP-13 AL9910AS-13 AL99 |
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
|
Diodes Incorporated http://
|
HLMP-2400 HLMP-2500 HLMP-2600 HLMP-2650 HLMP-2700 |
Large area, umiform, bright light-emitting surfaces Orange 0.300 inch Seven Segment Display High Efficiency Green 0.300 inch Seven Segment Display LED LIGHT BARS RED LED LIGHT BARS YELLOW 7.6 mm (0.3 inch) Double Heterojunction AlGaAs Red Sunlight Viewable Display LED LIGHT BARS GREEN 7.6 mm (0.3-inch) Double Heterojunction AlGaAs Red Low Current Display (HLMP-2xxx) LED LIGHT BARS 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-MSOP-PowerPAD 0 to 70 100-MHz Low Noise Voltage-Feedback Amplifier, Dual 8-SOIC 350-MHz Ultra-Low Noise Voltage-Feedback Amplifier 8-MSOP-PowerPAD -40 to 85 100-MHz Low Noise Voltage-Feedback Amplifier 8-SOIC -40 to 85 100-MHz Low-Noise High-Speed Amplifier 8-CDIP -55 to 125 LED LIGHT BARS SINGLE COLOR LED, HIGH EFFICIENCY RED, 8.89 mm LED LIGHT BARS SINGLE COLOR LED ARRAY, YELLOW, 8.89 mm 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-SOIC 0 to 70 SINGLE COLOR LED, YELLOW, 19.05 mm LED SIGHT BARS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|